Part Number Hot Search : 
LM393AFE L6004F81 SKM40 SKIIP3 TA58L09F TM782 BSL40 PN7222
Product Description
Full Text Search
 

To Download SSBR10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
SSBR10100CT SSBR10100CTF
Main Product Characteristics:
IF VRRM Tj(max) Vf(max) 2x5A 100V 150C 0.8V
Features and Benefits:
High Junction Temperature High ESD Protection, IEC Model 10Kv High Forward & Reverse Surge capability
TO220 SSBR10100CT TO220F SSBR10100CTF
Description:
Schottky Barrier Rectifier designed for high frequency switch model power supplies such as adaptors and DC/DC convertors; this product special design for high forward and reverse surge capability
Absolute Rating:
Symbol VRRM VR(RMS) IF(AV) IFSM IRRM TJ Tstg Symbol RJC RJC Symbol VR VF IR RMS Reverse Voltage Average Forward Current Per diode Per device Characterizes Peak Repetitive Reverse Voltage Value 100 70 5 10 120 1 -50~150 -50~150 Value TO220 TO220F Max 0.8 0.75 0.1 5 Unit V V mA 2 4 Unit V V A A A A Unit /W /W
Non Repetitive Surge Forward Current(tp=8.3ms sinusoidal) Peak Repetitive Reverse Surge Current(Tp=2us) Maximum operation Junction Temperature Range Storage Temperature Range Characterizes Maximum Thermal Resistance Junction To Case Characterizes Reverse Breakdown Voltage Forward Voltage Drop Leakage Current Min 100 Typ
Thermal Resistance
Electrical Characterizes @TA=25 unless otherwise specified
Test Condition IR=0.5mA IF=5A, TJ=25 IF=5A, TJ=125 VR=100V, TJ=25 VR=100V, TJ=125
(c)Silikron Semiconductor CO.,LTD.
2009.5.15 www.silikron.com
Version : 1.0
page
1of2
SSBR10100CT SSBR10100CTF
Mechanical Data
TO220
TO220F
(c)Silikron Semiconductor CO.,LTD.
2009.5.15 www.silikron.com
Version : 1.0
page
2of2


▲Up To Search▲   

 
Price & Availability of SSBR10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X